Part Number Hot Search : 
XW6822 PS2651L2 PL3502JP 10A20 SIZ916DT ZMM7V5 11001 MAX44
Product Description
Full Text Search
 

To Download HY1-6V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hy ordering information types standard packing: tube: 50 pcs.; case: 2,000 pcs. non-polarized 1 form c relay that realizes nominal operating power of 150 mw hy relays contact arrangement nominal coil voltage 150mw type 200mw type part no. part no. 1 form c 1.5v dc hy1-1.5v hy1z-1.5v 3v dc hy1-3v hy1z-3v 4.5v dc hy1-4.5v hy1z-4.5v 5v dc hy1-5v hy1z-5v 6v dc HY1-6V hy1z-6v 9v dc hy1-9v hy1z-9v 12v dc hy1-12v hy1z-12v 24v dc hy1-24v hy1z-24v features 1. nominal operating power: high sensitivity of 150mw (single side stable type) a nominal operating power of 150 mw (minimum operating power of 84 mw) has been achieved. 2. the use of gold-clad twin contacts ensures high contact reliability. 3. sealed construction typical applications 1. automotive equipment automirrow controller retractable head light controller 2. push button device: dial pulsing 3. portable video tape recorders and audio devices. 4. computer peripherals nominal coil voltage (dc) 1.5, 3, 4.5, 5, 6, 9, 12, 24 v contact arrangement 1: 1 form c hy 1 sensitivity nil: z: high sensitivity 150 mw standard 200 mw note: in case of 5 v drive circuit, it is recommended to use 4.5 v type relay. rohs compliant asctb 21 2 e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hy rating 1. coil data 2. speci?ations notes: *1 this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2 re f er to 6. conditions f or ope r ation, t r anspo r t and sto r age mentioned in ambient envi r onment . contact arrangement nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 70 c 158 f ) 1 form c 1.5v dc 75%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 100ma 15 ? 150mw 140%v of nominal voltage 3v dc 50ma 60 ? 4.5v dc 33.3ma 135 ? 5v dc 30ma 166 ? 6v dc 25ma 240 ? 9v dc 16.7ma 540 ? 12v dc 12.5ma 960 ? 24v dc 6.25ma 3,840 ? 1.5v dc 75%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 133.3ma 11.25 ? 200mw 120%v of nominal voltage 3v dc 66.7ma 45 ? 4.5v dc 44.5ma 101.2 ? 5v dc 40ma 125 ? 6v dc 33.3ma 180 ? 9v dc 22.2ma 405 ? 12v dc 16.7ma 720 ? 24v dc 8.3ma 2,880 ? characteristics item speci?ations contact arrangement 1 form c initial contact resistance, max. max. 100 m ? (by voltage drop 6 v dc 1a) contact material ag+au clad rating nominal switching capacity 1 a 30 v dc (resistive load) max. switching power 30 w (dc) (resistive load) max. switching voltage 60 v dc max. carrying current 2 a max. switching current 1 a (30 v dc) min. switching capacity (reference value)* 1 1ma 1 v dc nominal operating power 150/200mw electrical characteristics insulation resistance (initial) min. 100m ? (at 500v dc) measurement at same location as ?nitial breakdown voltage section. breakdown voltage (initial) between open contacts 500 vrms for 1min. (detection current: 10ma) between contact and coil 1,000 vrms for 1min. (detection current: 10ma) temperature rise (at 20 c 68 f ) max. 50 c (by resistive method, nominal coil voltage applied to the coil, nominal switching capacity.) operate time [set time] (at 20 c 68 f ) max. 5 ms (nominal coil voltage applied to the coil, excluding contact bounce time.) release time [reset time] (at 20 c 68 f ) max. 4 ms (nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode) mechanical characteristics shock resistance functional min. 98 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive min. 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 2 mm expected life mechanical min. 10 7 (at 180 cpm) electrical min. 10 5 (1 a 30 v dc resistive) (at 20 cpm) conditions conditions for operation, transport and storage* 2 ambient temperature: ?0 c to +70 c ?0 f to +158 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed (at rated load) 20 cpm unit weight approx. 1.8 g .063 oz asctb 21 2 e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hy reference data 1. maximum switching power 2 . life curve 3. mechanical life tested sample: hy1z-12v, 10 pcs. ambient temperature: 20 c to 25 c 68 f to 77 f contact voltage, v contact current, a dc resistive ac resistive 0.2 0.5 1.0 2.0 5.0 0.1 10 30 60 100 300 10 20 30 50 100 200 300 0.2 0.4 0.6 0.8 1.0 1.2 1.4 switching current, a life, 10 4 100 v ac resistive load 30 v dc resistive load no. of operations, 10 4 ratio against the rated voltage, %v 0 10 20 30 40 50 60 70 80 90 100 10 100 1,000 2,000 min. max. min. max. drop-out voltage pick-up voltage 4. electrical life tested sample: hy1-12v, 6 pcs. condition: 1 a 30 v dc resistive load, 30 cpm change of pick-up and drop-out voltage change of contact resistance 0 10 20 30 40 50 60 70 80 90 100 min. max. min. max. 10 20 no. of operations, 10 4 drop-out voltage pick-up voltage ratio against the rated voltage, %v contact resistance, m ? no. of operations, 10 4 2010 80 60 40 20 0 min. max. 5-(1). coil temperature rise (150 mw high sensitivity type) tested sample: hy1-9v, 5 pcs. ambient temperature:24 c 75 f 5-(2). coil temperature rise (200 mw standard type) tested sample: hy1z-12v, 5 pcs. ambient temperature: 23 c 74 f 6. operate/release time characteristics tested sample: hy1z-12v, 5 pcs. ambient temperature: 25 c 77 f 0 10 20 30 40 50 60 70 80 90 100 80 100 120 140 160 180 0a 1a coil applied voltage, %v coil temperature rise, c 0 10 20 30 40 50 60 70 80 90 100 80 100 120 140 160 180 0a 1a coil applied voltage, %v coil temperature rise, c min. max. min. max. coil applied voltage, %v operate/release time, ms operate time release time x x 0 2 1 3 80 100 120 7. distribution of pick-up and drop-out voltages tested sample: hy1-12v, 50 pcs. ambient temperature: 23 c 74 f 8. distribution of contact resistance tested sample: hy1-12v, 50 pcs. n.c. side n.o. side 9. malfunction shock tested sample: hy1z-12v, 6 pcs. 0 5 10 15 20 25 30 10 20 30 40 50 60 70 80 90 100 quantity pick-up/drop-out voltage, v drop-out voltage pick-up voltage 0 5 10 15 20 25 30 30 40 n.c. side n.o. side contact resistance m ? quantity y xz z x 980m/s 2 980m/s 2 980m/s 2 980m/s 2 980m/s 2 980m/s 2 xx z y y z y deenergized condition energized condition asctb 21 2 e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hy dimensions (mm inch ) note the cad data of the products with a cad data mark can be downloaded from: http://panasonic-electric-works.net/ac external dimensions general tolerance: 0.3 .012 3.5 .138 0.5 5.08 .020 .200 0.5 .020 (0.82) (.032) 0.4 dia. .016 dia. 2.54 .100 0.25 .010 0.25 .010 7.4 .291 12 .462 7.62 .300 10.1 .398 pc board pattern (bottom view) tolerance: 0.1 .004 schematic (bottom view) 2.54 .100 7.62 .300 6-.039 dia. 6-1 dia. (0.82) (.032) 5.08 .200 2.54 .100 nc no 1 10 9 6 25 com cad data 1. packing style 1) as shown in the diagram below, the relays are presented in tube packages with pins 1 and 10 on the left. be sure to maintain relays in the correct orientation when mounting on pc boards. 2. automatic insertion to maintain the internal function of the relay, the chucking pressure should not exceed the values below. chucking pressure in the direction a: 4.9 n {500gf} or less chucking pressure in the direction b: 4.9 n {500gf} or less chucking pressure in the direction c: 4.9 n {500gf} or less av oid chucking the center of the relay. in addition, excessive chucking pressure to the pinpoint of the relay should be av oided. side with pins 1 and 10. stopper ( gray) stopper (green) for general cautions for use, please refer to the ?autions for use of signal relays or ?eneral application guidelines? a c b asctb 21 2 e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e


▲Up To Search▲   

 
Price & Availability of HY1-6V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X